Part Number Hot Search : 
1590G 24165SMG 00BC0WF 2SC4963 6121A SWE62250 PL002 CD451
Product Description
Full Text Search
 

To Download 08SHA10IDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HEADER & HOUSING SYSTEMS
Adam Technologies, Inc.
.8mm, 1mm, 1.25mm, 1.5mm, 2mm & 2.5mm
2CH & 2SH SERIES
INTRODUCTION: Adam Tech 2CH & 2SH Series of multiple pitch Headers and Housings are a matched set of Crimp Wire Housings and PCB mounted Shrouded Headers available in Straight, Right Angle or SMT orientation. Offered in three popular industry standard styles they provide a lightweight, fine pitched, polarized, high reliability connection system. FEATURES: Multiple pitches and configurations Matched Housing & Header system Straight, Right Angle or SMT Headers Sure fit, Fine Pitched & Polarized MATING CONNECTORS: Each set has male and female mate SPECIFICATIONS: Material: Insulator: PBT, glass reinforced, rated UL94V-0 Nylon 66, rated UL94V-0 Contacts: Brass Plating: Tin over copper underplate overall Electrical: Operating voltage: 100V AC max. Current rating: 0.5 - 3 Amps max. Insulation resistance: 1000 M min. Dielectric withstanding voltage: 800V AC for 1 minute Mechanical: Insertion force: 1.28 lbs max Withdrawal force: 0.180 lbs min. Temperature Rating: HI-TEMP Operating temperature: -55C to +125C INSULATOR
AVA I L A B L E
ORDERING INFORMATION CRIMP HOUSING 2CH
SERIES INDICATOR 1CH = 1.00mm Single Row 125CH = 1.25mm Single Row 15CH = 1.50mm Single Row 2CH = 2.00mm Single Row 2CH2 = 2.0mm Dual Row 25CH = 2.50mm Single Row
B
04
TOTAL NO. OF POSITIONS
02 thru 25 (Body style A1) 04 thru 50 (Body style A2) 02 thru 15(Body styles A, B & C)
BODY STYLE A = Body Style "A" B = Body Style "B" C = Body Style "C"
ORDERING INFORMATION SHROUDED HEADER 2SH
SERIES INDICATOR 08SH = 0.80mm Single Row 1SH = 1.00mm Single Row 125SH = 1.25mm Single Row 15SH = 1.50mm Single Row 2SH = 2.0mm Single Row 25SH = 2.50mm Single Row
B
04
TS
PIN ANGLE IDC = Pre-installed crimp contacts (08SH Type only) TS = Straight PCB TR = Right Angle PCB POSITIONS 02 thru 25
SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
ORDERING INFORMATION CRIMP CONTACT 2CTA
SERIES INDICATOR 1CTA = 1.00mm Body Style "A" Contact 125CTA = 1.25mm Body Style "A" Contact 125CTB = 1.25mm Body Style "B" Contact 125CTC = 1.25mm Body Style "C" Contact 15CTA = 1.50mm Body Style "A" Contact 15CTB = 1.50mm Body Style "B" Contact 2CTB = 2.00mm Body Style "B" Contact 2CTC = 2.00mm Body Style "C" Contact 25CTB = 2.50mm Body Style "B" Contact 25CTC = 2.50mm Body Style "C" Contact
RoHS
COMPLIANT
R
PACKAGING R = 10,000 Piece Reel B = 1,000 Piece Loose Cut
BODY STYLE A = Body Style "A" B = Body Style "B" C = Body Style "C"
OPTIONS: Add designator(s) to end of part number SMT = Surface mount leads with Hi-Temp insolator
268
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM


▲Up To Search▲   

 
Price & Availability of 08SHA10IDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X